PART |
Description |
Maker |
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
VN1706LP016 |
220 mA, 170 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SUPERTEX INC
|
APM4550KC-TRG |
7000 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
ANPEC ELECTRONICS CORP
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
MPSW45-D MPSW45ARLRA MPSW45RLRE |
One Watt Darlington Transistors NPN Silicon Transistor Small Signal PLAS 1W NPN Small Signal Darlington NPN
|
ON Semiconductor
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MMBTA43 MMBTA42 |
TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, PLASTIC PACKAGE-3, BIP General Purpose Small Signal 500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Vishay Semiconductors
|
MPSA43RLRAG |
Small Signal High Voltage NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 50 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
BC108PM1TC BC108PM1TA ZTX108STOB ZTX237M1TA ZTX237 |
200 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
|