PART |
Description |
Maker |
APC-35-1050 APC-35-350 APC-35-500 APC-35-700 APC-3 |
35W Single Output Switching Power Supply
|
http:// Mean Well Enterprises Co., Ltd.
|
NES-35 NES-35-24 NES-35-12 NES-35-15 NES-35-48 NES |
35W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
LPC-3512 LPC-35-1050 LPC-35-1400 |
35W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises C...
|
2SB775 2SD895 |
PNP Epitaxial Planar Silicon Transistor 85V/6A, AF 35W Output Applications NPN Triple Diffused Planar Silicon Transistor 85V/6A, AF 35W Output Applications
|
SANYO
|
NET-35D NET-35A NET-35B NET-35C |
35W Triple Output Switching Power Supply
|
Total Power Internation...
|
2SB633 2SD613 |
85V/6A/ AF 25 to 35W Output Applications 85V/6A, AF 25 to 35W Output Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
BD9850FVM08 BD9851EFV BD9850FVM |
DUAL SWITCHING CONTROLLER, 3000 kHz SWITCHING FREQ-MAX, PDSO20 Single-output High-frequency Step-down Switching Regulator(Controller type)
|
Rohm
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
M5201AFP M5201AL M5201AP M5201P M5201L M5201FP |
GENERAL PURPOSE SWITCHING OPERATIONAL AMPLIFIER(DUAL INPUT/ SINGLE OUTPUT TYPE) GENERAL PURPOSE SWITCHING OPERATIONAL AMPLIFIER(DUAL INPUT, SINGLE OUTPUT TYPE) 通用开关功能运算放大器(双输入,单输出型)
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
VSBU-120-3.3 VSBU-120-30 VSBU-120-7.5 VSBU-120-12 |
Single Output Switching Power Supply
|
CUI INC,
|
PS-05 PS-05-24 PS-05-12 PS-05-15 PS-05-5 PS-05-48 |
5W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
LRS-150-12 LRS-150-15 LRS-150-24 |
150W Single Output Switching Power Supply
|
Mean Well Enterprises C...
|