PART |
Description |
Maker |
HD74AC245 HD74ACT245 HD74AC245FP HD74AC245RP HD74A |
Octal Bidirectional Transceiver with 3-State Input/Output BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|SOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|TSSOP|20PIN|PLASTIC BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, Solder Termination, Silver Contacts, UL, CSA, ENEC 总线收发器|单| 8位|行为的CMOS | TSSOP封装| 20针|塑料
|
Hitachi Semiconductor Renesas Electronics, Corp.
|
N74F620N-B N74F623N-B N74F620D-T |
Single 8-bit Bus Transceiver Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
NXP Semiconductors N.V.
|
74VCX164245 74VCX164245GX 74VCX164245MTDX |
Single 8-bit Bus Transceiver Low Voltage 16-Bit Dual Supply Translating Transceiver
|
Fairchild
|
IDT74LVCH162245A IDT74LVCH162245APV IDT74LVCH16224 |
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Adjustable Precision Shunt Regulator 8-TSSOP 0 to 70 LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT I/O AND BUS-HOLD 3.3V CMOS 16-Bit Bus Transceiver with 5.0V Tolerant I/O and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74F646B 74F646 74F648 74F646BSCX 74F646MSAX |
Single 8-bit Bus Transceiver 位总线收发 From old datasheet system Octal Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
IDT74FCT163501C IDT74FCT163501A IDT74FCT163501CPF |
BUS TRANSCEIVER|SINGLE|18-BIT|FCT/PCT-CMOS|TSSOP|56PIN|PLASTIC 3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
HD74LS640-1 HD74LS640-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
IDT74ALVCH32245BF IDT74ALVCH32245 IDT74ALVCH32245B |
From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V的CMOS 32位总线收发器和三态输出和总线状态保 Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 ALVC/VCX/A SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
5962-9051401CA 5962-9051401MSA 5962-9051401MSX 596 |
Low-Power, 8-Channel, Serial 12-Bit ADCs Single 8-bit Bus Transceiver
|
ADC
|
5962-9094001MRA |
Single 8-bit Bus Transceiver 8位总线收发
|
TE Connectivity, Ltd.
|