PART |
Description |
Maker |
ST491A ST491ABD ST491ABDR ST491ABN ST491ACD ST491A |
LOW POWER HIGH SPEED RS-485/RS422 TRANSCEIVER MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 2210 LE 256-FBGA LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER 低电源高RS-485/RS-422收发 IC SW OFFLINE 68W/117W TO262-7 低电源高速RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ISL8483E05 ISL8483ECPZ ISL8485ECBZ ISL8485ECBZ-T I |
ESD Protected to 隆戮15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to 【15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD防护, 5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
ISL81487E ISL81487L |
±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(具备±15kV ESD防护功能/8 单位负载5V、小功率、高速或带有限斜率功能的RS-485/RS-422收发
|
Intersil Corporation
|
ST490AB |
Low power high speed RS-485/RS-422 transceiver
|
http://
|
ST485AB 9142 |
VERY HIGH SPEED LOW POWER RS-485/RS422 TRANSCEIVER From old datasheet system
|
STMicroelectronics
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ISL8485IB ISL8485IP ISL8491IB ISL8491 ISL8491IP IS |
5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS
|
INTERSIL[Intersil Corporation]
|
ISL81487EIB ISL81487EIP ISL81487LIB ISL81487LIP |
15kV ESD Protected/ 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers
|
Intersil
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3080-BMAX3089 MAX3080ESD MAX3080 MAX3089CSD MAX |
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers " Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers" Fail-Safe High-Speed 10Mbps Slew-Rate-Limited RS-485/RS-422 Transceivers LINE TRANSCEIVER,BICMOS,1 DRIVER,1 RCVR,SOP,8PIN,PLASTIC LINE TRANSCEIVER,BICMOS,1 DRIVER,1 RCVR,DIP,8PIN,PLASTIC Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers Fail-Safe / High-Speed 10Mbps / Slew-Rate-Limited RS-485/RS-422 Transceivers From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc Maixm
|
BUS-8553-15L BUS-8553-10S BUS-8553-53S BUS-8553-53 |
Mono 1W speaker and stereo 160mW headset BTL drivers with digital volume control 200W mono BASH® power amplifier 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Seven darlington array 通信集成电路 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers 通信集成电路 CMOS quad 3-state differential line receiver 通信集成电路 Very low noise microphone preamplifier with 2.0V bias output and active low standby mode 通信集成电路 5 V powered multi-channel RS-232 drivers and receivers 通信集成电路 /-15KV ESD protected, Low power RS-485/RS-422 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver /-15 kV ESD protected, low power RS-485/RS-422 transceiver 2.5A high-side driver industrial intelligent power switch Interface circuit (relay and lamp driver) Programmable low voltage 1:10 differential LVDS clock driver Low power single CMOS timer HIGH SPEED DIFFERENTIAL LINE DRIVERS 360mW mono amplifier with standby mode /- 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down /- 15 kV ESD protected 5 V RS-232 transceiver 60 V 6 A quad power half bridge /- 15KV ESD protected 2.3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown 80V - 1.5A QUAD DARLINGTON SWITCHES 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors /- 15 kV ESD protected 3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto power-down GENERAL PURPOSE SINGLE BIPOLAR TIMERS DUAL CHANNEL, 12-BIT, 20MSPS, 120MW, A/D CONVERTER Rail-to-rail input/output 20 MHz GBP operational amplifiers Quad channel high side driver Interface circuit - relay and lamp-driver High-voltage half bridge driver Quad high side smart Power solid state relay DELTA/SIGMA CASCADE 20 BIT STEREO DAC High-voltage high and low side driver Telecommunication IC DUAL CHANNEL, 10 BIT, 20/40MSPS A/D CONVERTER DUAL-CHANNEL, 12-BIT, 40MSPS A/D CONVERTER High side current sense amplifier 50V - 1.5A QUAD DARLINGTON SWITCHES
|
API Delevan Infineon Technologies AG Honeywell International, Inc. Black Box, Corp. Integrated Device Technology, Inc. Cypress Semiconductor, Corp. Electronic Theatre Controls, Inc.
|
|