PART |
Description |
Maker |
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
MTW32N20E MTW32N20E-D |
Power MOSFET 32 Amps, 200 Volts N-Channel TO-247 Power MOSFET 32 Amps, 200 Volts(32A,200V的功率MOSFET)
|
ON Semiconductor
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
MMDFS3P303 MMDFS3P303R2 MMDFS3P303-D |
Power MOSFET 3 Amps / 30 Volts Power MOSFET 3 Amps, 30 Volts P-Channel SO-8, FETKY
|
ONSEMI[ON Semiconductor]
|
NTP6N60-D NTP6N60/D |
Power MOSFET 6 Amps600 Volts Power MOSFET 6 Amps, 600 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
MTD3055VL1 MTD3055VLT4 MTD3055VL MTD3055VL-D |
Power MOSFET 12 Amps, 60 Volts 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 12 Amps, 60 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTMS7N03R2G |
Power MOSFET 7 Amps, 30 Volts
|
ON Semiconductor
|
NTTD1P02R2G NTTD1P02R206 NTTD1P02R2 |
Power MOSFET -1.45 Amps, -20 Volts
|
ONSEMI[ON Semiconductor]
|
NVF6P02T3G |
Power MOSFET -10 Amps, -20 Volts
|
ON Semiconductor
|
|