PART |
Description |
Maker |
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
XC9536-5VQ44C XC9536 XC9536-10 XC9536-10CS48C XC95 |
XC9536: 5V ISP CPLD Family Product Specification From old datasheet system XC9536 In-System Programmable CPLD FLASH PLD, 5 ns, PBGA48 XC9536 In-System Programmable CPLD XC9536在系统可编程的CPLD XC9536 In-System Programmable CPLD FLASH PLD, 10 ns, PQCC44 XC9536 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
ISPPAC-POWR1208 |
In-System Programmable Power Supply
|
Lattice Semiconductor
|
TL431AIDM TL431B TL431A TL431 TL431ACDM TL431ACLP |
PRECISION PROGRAMMABLE REFERENCES EMI//RFI Multipurpose Power Line Filter, 2-Stage, DV Series, 330 kohm Resistance, 5500 pF C y, 3 Amp Current, 0.22 micro F,C 1, 0.22 micro F C 2 From old datasheet system Voltage Reference - Programmable
|
MICROSEMI[Microsemi Corporation]
|
8600V ISPLSI8600V-90LB272 ISPLSI8600V-125LB492 ISP |
3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA272 GT 14C 14#16 SKT RECP LINE EE PLD, 16 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 13.5 ns, PBGA492
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LC5256MB-45F208C LC5256MB-45F208I LC5256MB-45F256C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family
|
Lattice Semiconductor
|
ICS94203 ICS94203YF-T |
Programmable System Frequency Generator for PII/III⑩ 815 3 DIMM Single Chip, Programmable
|
ICST[Integrated Circuit Systems]
|
HFA1412 FN4152 |
Buffer, Quad, Closed Loop, Programmable Gain ( /-1, 2), 350MHz, Low Power From old datasheet system Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
|
Intersil
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|