PART |
Description |
Maker |
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ220I-16B CQ220I-16M CQ220I-16N CQ220I-16D |
ISOLATED RAB TRIAC 16 AMP 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BT138-600 BT138-600F BT138-600G BT138-500/B BT138- |
TRIAC 12A SOT-186A TRIAC 12A/600V TRIAC 12A/500V Triacs
|
Philips Semiconductors
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ218I-25B CQ218I-25D CQ218I-25M CQ218I-25N |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp.
|
CQ220I-6BS CQ220I-6MS CQ220I-6NS CQ220I-6DS |
ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ220I-8BR CQ220I-8MR CQ220I-8NR CQ220I-8DR |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|
CQ202-4D-2 |
4.0 AMP TRIAC 200 THRU 800 VOLTS 400 V, 4 A, TRIAC
|
Central Semiconductor, Corp.
|
CQDD-8M CQDD-8N |
SMD TRIAC 8.0 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|