PART |
Description |
Maker |
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
LPC1815JBD144 LPC1817JBD144 LPC1825JET100 LPC1823J |
32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??024kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 104kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 136kB SRAM, Ethernet, LQFP144 package
|
NXP Semiconductors N.V.
|
STM32F205VET6 STM32F205VET7 STM32F205RET6 STM32F20 |
High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet High-performance ARM Cortex-M3 MCU with 1 Mbyte Flash, 120 MHz CPU, ART Accelerator High-performance ARM Cortex-M3 MCU with 1 Mbyte Flash, 120 MHz CPU, ART Accelerator, Ethernet High-performance ARM Cortex-M3 MCU with 256 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet High-performance ARM Cortex-M3 MCU with 768 Kbytes Flash, 120 MHz CPU, ART Accelerator High-performance ARM Cortex-M3 MCU with 768 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet High-performance ARM Cortex-M3 MCU with 128 Kbytes Flash, 120 MHz CPU, ART Accelerator
|
ST Microelectronics
|
LPC4088FET208 LLPC4078FBD144 LPC4074FBD80 LPC4078F |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI 32-bit ARM Cortex-M4 MCU;
|
NXP Semiconductors
|
MAX32550-SKC |
DeepCover Secure Cortex-M3 Flash Microcontroller
|
MAXIM - Dallas Semiconductor
|
ATSAM3N1AA-AU ATSAM3N1AA-MU ATSAM3N1BA-AU ATSAM3N1 |
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
|
ATMEL Corporation http://
|
HT32F0008 |
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
|
Holtek Semiconductor In...
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
LPC11U68JBD48 LPC11U67JBD48 LPC11U68JBD100 LPC11U6 |
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC
|
NXP Semiconductors
|
LPC1342FHN33 |
32-bit ARM Cortex-M3 microcontroller; 16 kB FLASH and 4 kB SRAM; USB device
|
NXP Semiconductors N.V.
|