PART |
Description |
Maker |
5962-89748012A 5962-8974801RA |
High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Rochester Electronics, LLC
|
HCTS245MS HCTS245KMSR HCTS245K HCTS245HMSR FN2360 |
From old datasheet system Radiation Hardened Octal Bus Transceiver Three-State Non-Inverting Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, UUC24 Radiation Hardened Octal Bus Transceiver/ Three-State/ Non-Inverting
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74ACT16240 74ACT16240MTD 74ACT16240SSC 74ACT16240M |
Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC74HC540AF TC74HC540AFW TC74HC540AP TC74HC541AF T |
OCTAL BUS BUFFER INVERTING/NON-INVERTING / 3-STATE OUTPUTS OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
74F841 N74F842N N74F842D N74F841D N74F845N N74F841 |
8-bit bus interface latches, non-inverting (3-State)(8位总线接口锁存器,同相(三态))
|
Philips Semiconductors NXP Semiconductors
|
74ALVCH16373-D |
Low-Voltage 16-Bit Transparent Latch with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
M24164-WMN1 M24164-WMN1T M24164MN M24164 M24164BN |
16 KBIT SERIAL I²C BUS EEPROM WITH 1 INVERTING AND 2 NON-INVERTING CHIP ENABLE LINES 16 KBIT SERIAL I²C BUS EEPROM WITH 1 INVERTING AND 2 NON-INVERTING CHIP ENABLE LINES 16 Kbit Serial I2C BUS EEPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
|