PART |
Description |
Maker |
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ADM1176-2ARMZ-R7 ADM1176-1ARMZ-R7 ADM1176EBZ |
Hot Swap Controller and I2CPower Monitor with Convert Pin
|
Analog Devices, Inc.
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
CY2309ZI-1 CY2309SC-1 CY2309SC-1H CY2309SC-1HT CY2 |
LOW-COST 3.3V ZERO DELAY BUFFER 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LOW-COST 3.3V ZERO DELAY BUFFER 2305 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Jack-Jack RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Plug; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 RF/Coaxial Connector; RF Coax Type:UHF; Contact Termination:Solder; Body Style:Straight Bulkhead Receptacle; Body Plating:Nickel RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LOW-COST 3.3V ZERO DELAY BUFFER 2305 SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 RF Coaxial Connector Adapter; Body Plating:Passivated Steel; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AD7912 AD7912ARM AD7912ARM-REEL AD7912ARM-REEL7 AD |
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs Data Acquisition System - Datasheet Reference
|
AD[Analog Devices] Analog Devices Inc
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX1088EKA |
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
AT91M55800A |
The AT91M55800A features 8K bytes of on-chip SRAM, an External Bus Interface, a 6-channel Timer/Counter, 3 USARTs, a Master/Slave SPI Interface, a Watchdog Timer, an 8-channel 10-bit ADC, a 2-channel 10-bit DAC, a Clock Generator, Real-tim
|
Atmel
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CDB4360 CS4360-BZ CS4360-KS CS4360-KZ |
24-Bit/ 192 kHz 6 Channel D/A Converter 24-Bit / 192 kHz 6 Channel D/A Converter 24-Bit, 192 kHz 6 Channel D/A Converter SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
Cirrus Logic, Inc.
|
|