PART |
Description |
Maker |
ADCMP58007 EVAL-ADCMP580BCPZ EVAL-ADCMP581BCPZ EVA |
Ultrafast SiGe Voltage Comparators
|
Analog Devices
|
RURG1540CC RURG1560CC FN3548 |
15A, 200V ULTRAFAST DUAL DIODE From old datasheet system 15A, 400V - 600V Ultrafast Dual Diodes 15A 200V Ultrafast Dual Diode 15A/ 200V Ultrafast Dual Diode
|
INTERSIL[Intersil Corporation]
|
RURD620CCS RURD620CC |
6A, 200V Ultrafast Dual Diodes Mechanism, ultra high speeed, 3-inch ELM w/low profile cutter, ONE tabs 6A/ 200V Ultrafast Dual Diodes
|
INTERSIL[Intersil Corporation]
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
RURP640CC FN4007 RURP660CC RURP650CC |
6A, 600V Ultrafast Dual Diodes(6A, 600V 瓒?揩???浜??绠? From old datasheet system 6A, 400V - 600V Ultrafast Dual Diodes 6A, 500V Ultrafast Dual Diodes(6A, 500V 超快速双二极 6A, 600V Ultrafast Dual Diodes(6A, 600V 超快速双二极 6A, 400V Ultrafast Dual Diodes(6A, 400V 超快速双二极 6A/ 400V - 600V Ultrafast Dual Diodes
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
LT1713CMS8 LT1714IGN LT1713IMS8 LT1714CGN LT1713CM |
Single/Dual, 7ns, Low Power,3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16 Single/Dual, 7ns, Low Power,3V/5V/隆戮5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power,3V/5V/【5V Rail-to-Rail Comparators Single, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO8 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16
|
Linear Technology, Corp.
|
MAX4855 MAX4855ETE |
0.75ohm, Dual SPDT Audio Switch with Integrated Comparators 0.75 Ohm, Dual SPDT Audio Switch with Integrated Comparators
|
MAXIM[Maxim Integrated Products]
|
LT1280A LT1280AC LT1280ACN LT1280ACSW LT1280AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SOIC 0 to 70 DUAL LINE TRANSCEIVER, PDSO18 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 低功V的RS232双驱动器/接收器与0.1uF电容 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-PDIP 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LMV393L-SM1-R LMV393-D08-T LMV393-SM1-R |
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS DUAL COMPARATOR, 7000 uV OFFSET-MAX, 9000 ns RESPONSE TIME, PDSO8 DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS DUAL COMPARATOR, 7000 uV OFFSET-MAX, 9000 ns RESPONSE TIME, DIP8
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
HA17393B |
Dual Comparators
|
Renesas Technology
|
|