PART |
Description |
Maker |
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD1382 AD1392KD AD1392 AD1382KD AD1382TD AD1382TD8 |
16-Bit 500 kHz Sampling ADC 18V; 900mW; 16-bit 500kHz sampling ADC. For medical imaging, CAT, magnetic resonance, vibration analysis, parametric measurement unit (ATE)
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1272-8CCS LTC1272-8CCN LTC1272-3ACS LTC1272-8AC |
12-Bit/ 3us/ 250kHz Sampling A/D Converter 12-Bit, 3us, 250kHz Sampling A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Linear Technology Corporation Linear Technology, Corp.
|
AD6640ST/PCB AD6640PCB AD6640AST |
12-Bit, 65 MSPS IF Sampling A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP44 12-Bit, 65 MSPS IF Sampling A/D Converter 12位,65 MSPS的中频采样的A / D转换 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 12位,65 MSPS的中频采样的A / D转换
|
Analog Devices, Inc.
|
LTC1605-1CG LTC1605-2IG LTC1605-1CGTRPBF LTC1605-2 |
16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Single Supply 16-Bit/ 100ksps/ Sampling ADCs Single Supply 16-Bit, 100ksps, Sampling ADCs
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX191BC/D MAX190BC/D MAX190AMRG MAX190BMRG MAX191 |
75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 16-Bit Registered Transceivers With 3-State Outputs 56-SSOP -40 to 85 Low-Power / 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power / 12-Bit Sampling ADC with Internal Reference and Power-Down
|
ADC Maxim Integrated Products, Inc.
|
ADS-931MM ADS-931MC ADS-B931 |
16-Bit, 1MHz, sampling A/D converter 16-Bit, 1MHz Sampling A/D Converters
|
Datel Murata Power Solutions Inc.
|
AD7865YS-1 AD7865YS-2 AD7865BS-1 AD7865BS-2 AD7865 |
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 Four-Channel/ Simultaneous Sampling/ Fast/ 14-Bit ADC
|
http:// Analog Devices, Inc.
|
ADS-946 ADS-946_883 ADS-946G_883 ADS-946GC ADS-946 |
14-Bit, 8MHz, sampling A/D converter ADS-946 14-Bit, 8MHz Sampling A/D Converters ADS-946 14-Bit/ 8MHz Sampling A/D Converters
|
List of Unclassifed Manufacturers Murata Power Solutions Inc. ETC[ETC] Electronic Theatre Controls, Inc. Datel
|
AD7822BR AD7822BRU AD7829 AD7822BN AD7822 AD7829BR |
3V/5V, 8-Bit, 8-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 4-Channel, 2 MSPS Data Acquistion System 3V/5V, 8-Bit, 2 MSPS Analog-to-Digital Converter 3V/5V, 2MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling Analog-to-DigitalConverter,8-Bit
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
|
AD[Analog Devices]
|
LTC1412C LTC1412CG LTC1412IG 1412F LTC1412 LTC1412 |
12-Bit, 3Msps, Sampling A/D Converter From old datasheet system 12-Bit/ 3Msps/ Sampling A/D Converter
|
Linear Technology
|