PART |
Description |
Maker |
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
PHN210T |
Dual N-channel TrenchMOS intermediate level FET 3.4 A, 30 V, 0.1 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
NXP Semiconductors N.V.
|
SIZ702DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 13.8 A, 30 V, 0.012 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
SIZ728DT-T1-GE3 |
N-Channel 25 V (D-S) MOSFETs 16 A, 25 V, 0.0077 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
6AM14 |
Silicon N-Channel/P-Channel Power MOS FET Array 硅N-Channel/P-Channel功率MOS FET阵列
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
FDC6420 FDC6420C FDC6420CD84Z |
20V N & P-Channel PowerTrench MOSFETs 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
IXTL2X240N055T |
140 A, 55 V, 0.0044 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET ISOPLUS, I5PAC-5 N-Channel Enhancement Mode Avalanche Rated
|
IXYS Corporation
|
|