PART |
Description |
Maker |
C87C251SA16 C87C251SB16 C87C251SP16 C87C251SQ16 N8 |
High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16Kbytes ROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. CPU-only, 16MHz
|
Intel
|
N87C251SA16 TP80C251SA16 TP80C251SB16 TP80C251SP16 |
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
|
Intel Corporation
|
87C151 |
(8xC151) High Performance CHMOS Microcontroller
|
Intel
|
MG80C196KB |
16-Bit High Performance CHMOS Microcontroller
|
Intel
|
AN87C196KT AN87C196KS |
(AN87C196KT/KS) 16-Bit High Performance CHMOS Microcontroller
|
Intel
|
87C196KD 27216802 |
16-Bit High-Performance CHMOS Microcontroller From old datasheet system
|
Intel
|
M80C286 |
HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
|
INTEL[Intel Corporation]
|
AN87C196KC |
16-bit high-performance CHMOS microcontroller. 16 Kbytes of on-chip EPROM, 232 bytes register file, 256 bytes of additional RAM
|
Intel
|
8XL196NP |
Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制
|
Intel Corp.
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
HSMH-C220 HSMA-C220 HSMD-C220 HSML-C220 HSMS-C220 |
Agilent HSMH-C220 High Performance ChipLED Agilent HSMA-C220 High Performance ChipLED Agilent HSMD-C220 High Performance ChipLED 安捷伦HSML - C220高性能采用的ChipLED 安捷伦硬件安全模 C220高性能采用的ChipLED 安捷伦HSMY - C220高性能采用的ChipLED Agilent HSMG-C220 High Performance ChipLED 安捷伦HSMG - C220高性能采用的ChipLED Agilent HSMS-C220 High Performance ChipLED
|
Sanken Electric Co., Ltd.
|