PART |
Description |
Maker |
2N5220 FTSO4400 FTSO4401 FTSO4402 FTSO4403 FTSO440 |
NPN small signal general purpose complementary amplifier. Small Signal General Purpose Amplifiers & Switchs NPN General Purpose Amplifier PNP small signal general purpose amplifier & switch. NPN neon display tube driver.
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SC461704 2SC4617T1G 2SC4617 2SC4617G 2SC4617T1 |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
|
ONSEMI[ON Semiconductor]
|
MC1458 MC1458D SA1458N MC1458N MC1558N SA1458 SA14 |
General purpose operational amplifier(???杩???惧ぇ?? General purpose operational amplifier 通用运算放大 General purpose operational amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FTSO4121 FTSO4122 FTSO3646 FTSO3693 FTSO3694 FTSO5 |
PNP small signal general purpose amplifier & switch. NPN high speed saturated logic switch. NPN small signal general purpose amplifier.
|
Fairchild Semiconductor
|
PN3638 PN3638A MPS3638A MPS3638 FTSO3638 FTSO3638A |
PNP Small Signal General Purpose Amplifiers & Switches PNP General Purpose Amplifier PNP high speed saturated logic switche. NPN general purpose small signal amplifier.
|
FAIRCHILD[Fairchild Semiconductor]
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2SC4480 |
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, General Driver Applications
|
SANYO
|
2N4124J18Z 2N4124TA |
NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4401-T92-B 2N4401-T92-K 2N4401L-T92-B 2N4401L-T9 |
NPN GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BC547 BC547A BC547C BC547B |
NPN EPITAXIAL SILICON TRANSISTOR NPN General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
FZT3019 |
NPN Medium Power Transistor NPN General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|