PART |
Description |
Maker |
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
SC83C451CGA68 SC80C451CGA68 87C451 SC87C451CCA68 S |
DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列4K/128检察官办公光盘/无ROM,扩展的I / O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ expanded I/O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
P89V52X2FBD157 |
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM; Package: SOT389-1 (LQFP44); Container: Tray Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P8 |
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
|
NXP Semiconductors N.V.
|
P89LPC9222A1 P89LPC922A1FDH P89LPC922A1FN P89LPC92 |
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors http://
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P87C552 P87C552_2 |
80C51 8-bit microcontroller From old datasheet system
|
Philips
|