PART |
Description |
Maker |
MAX1472AKAT MAX147210 |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
|
http:// Maxim Integrated Products
|
MAX147909 |
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
|
Maxim Integrated Products
|
MAX705711 |
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
|
Maxim Integrated Products
|
MAQRF112 MAQRF112YMM |
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
|
Micrel Semiconductor
|
MAX7044AKA-T MAX7044 |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
LT6402IUD-12 LT6402IUD-12-PBF LT6402IUD-12-TR LT64 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
|
Linear Technology
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT6600-2.5 LT6600-15 LT6600-10 LT6600-20 LTC6400-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
SP45001 |
450MHz Low-loss SAW Filter 45MHz Bandwidth
|
SIPAT Co,Ltd
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|
EL513007 EL5130IS-T13 EL5130ISZ-T13 EL5131 EL5130 |
300MHz Low Noise Amplifiers(300MHz低噪声放大器)
|
Intersil Corporation
|