PART |
Description |
Maker |
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT5269YI-50TE13 CAT5269 CAT5269JI-00TE13 CAT5269J |
Dual DPP with 256 Taps and 2-wire Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface 双数字可编程电位计(民进党)56丝锥线接
|
CATALYST[Catalyst Semiconductor] ON Semiconductor
|
R1EX24032ASAS0G R1EX24032ATAS0G |
Two-wire serial interface Two-wire serial interface 32k EEPROM
|
Renesas Electronics Corporation
|
R1EX24512BSAS0G R1EX24512BSAS0G-15 R1EX24512BTAS0G |
Two-wire serial interface 512k EEPROM Two-wire serial interface 512k EEPROM (64-kword ?8-bit)
|
Renesas Electronics Corporation
|
LE24CB642 LE24CB642TT LE24CB642M |
I2C/2-WIRE SERIAL EEPROM, PDSO8 CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
X9448YP24-2.7 X9448YP24I-2.7 X9448WP24-2.7 X9448WP |
VGA VIDEO CABLE 100 FT FF 混合信号2线接 Mixed Signal with 2-Wire Interface 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 VGA VIDEO CABLE 35 FT FF 混合信号2线接 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|