PART |
Description |
Maker |
AM29F200BT-120DPC1 AM29F200BT-75DPC1 AM29F200BT-90 |
150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3315 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL8113 with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3504 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF2907Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLIZ34N with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB38N20D with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9N20D with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7459 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3711ZCS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44EL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7455 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3105 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N15D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF2907ZL with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF640NS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3715Z with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3410 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL31N20D with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFI540N with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7607 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3715ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404ZL with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLI3615 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7821 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR24N15D with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3815 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4410ZPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3711Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB4310 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3709ZL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP054V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB Package; A IRF3205Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710 with Standard Packaging EEPROM EEPROM
|
EEPROM Elpida Memory, Inc.
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRLU9343-701 IRLR9343 IRLU9343 |
-55V Single P-Channel HEXFET Power MOSFET in a D-Pak package -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET DIODE MED-FAST BAS116 80VR 250MA 1.25VF@150MA 1.5US TO-236AB -55 150C 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRFZ24NLPBF IRFZ24NSTRRPBF IRFZ24NSTRLPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
PB-IRFZ24NL PB-IRFZ24NS |
Leaded 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRLR4343 IRLU4343-701 IRLU4343 |
55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|