PART |
Description |
Maker |
EDI8L32128V12AC EDI8L32128V12AI EDI8L32128V15AC ED |
12ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 15ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 20ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM
|
White Electronic Designs
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
GS72116TP-10 GS72116TP-15 GS72116TP GS72116J-15 GS |
15ns 128K x 16 2Mb asynchronous SRAM 8ns 128K x 16 2Mb asynchronous SRAM 10ns 128K x 16 2Mb asynchronous SRAM 12ns 128K x 16 2Mb asynchronous SRAM
|
GSI[GSI Technology]
|
IS61LV12816LL-12T IS61LV12816LL-12BI IS61LV12816LL |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|