PART |
Description |
Maker |
2SB1132 2SB1237 2SA1515S A5800347 2SB1132P 2SB1132 |
Medium Power Transistor 中等功率晶体 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | SC-62 From old datasheet system Medium Power Transistor (-32A,-1A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
SBM52414X SBM52414Z SBM51414G SBM51414N SBM51414Z |
Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving 中功率比迪光学标准模310纳米发光550纳米接收 Transceiver Components and FTTx solutions - Tx 1310nm/Rx 1550nm, Medium Power
|
INFINEON[Infineon Technologies AG]
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
ZTX652 ZTX653 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS NPN Medium Power Transistor
|
Zetex Semiconductors
|
TGA1073A TGA1073A-SCC |
26- 34 GHz Medium Power Amplifier 26000 MHz - 35000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
BCP54 BCP54-16 BCP56-10 BCP56-16 BCP55-10 BCP55-16 |
NPN medium power transistors TRANSISTOR MEDIUM POWER 晶体管中功率
|
NXP Semiconductors PHILIPS[Philips Semiconductors] Microchip Technology, Inc.
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
SF16JZ51 SF16GZ51 |
MEDIUM POWER CONTROL APPLICATIONS THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|