PART |
Description |
Maker |
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
CY7C68300C CY7C68301C CY7C68320C CY7C68321C |
EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge(EZ-USB AT2LP USB 2.0到ATA/ATAPI桥接 的EZ - USB AT2LP产品的USB 2.0的ATA / ATAPI桥(的EZ - USB AT2LP产品的USB 2.0到ATA / ATAPI接口桥接器)
|
Cypress Semiconductor Corp.
|
CY7C64713 CY7C64714 |
EZ-USB FX1 USB Microcontroller Full-speed USB Peripheral Controller(EZ-USB FX1 USB微控制器,全速USB外设控制
|
Cypress Semiconductor Corp.
|
0887328502 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 0.80m (2.62) Length, Black
|
Molex Electronics Ltd.
|
CY7C68013A-128AXI CY7C68013A-56LTXCT |
EZ-USB FX2LPUSB Microcontroller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller; # Endpoints: 7; Core: Enhanced 8051; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3684
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C68013A |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68013A-56BAXCT |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C6801302 CY7C68013-56LFC CY7C68013-100AC CY7C68 |
EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68024 CY7C68023 |
EZ-USB NX2LP USB 2.0 NAND Flash Controller(EZ-USB NX2LP USB 2.0 NAND闪存控制
|
Cypress Semiconductor Corp.
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
17-250041 17-250051 |
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
|
CONEC Elektronische Bauelemente GmbH
|
SST39VF160-90-4C-SJ SST39VF800-70-4C-SJ SST39VF800 |
PSoC Mixed Signal Array EZ-USB SX2 High-Speed USB Interface Device MoBL-USB TX2 USB 2.0 UTMI Transceiver 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer PSoC® Mixed-Signal Array x16 Flash EEPROM x16闪存EEPROM
|
Silicon Storage Technology, Inc.
|