PART |
Description |
Maker |
KSZ8864RMN KSZ8864RMNI |
Integrated 4-Port 10/100 Managed Switch with Two MACs MII or RMII Interfaces
|
Micrel Semiconductor
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
VSC8224 |
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
|
Vitesse Semiconductor Corporation
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
IDT71V321L25JI IDT71V321S25PF IDT71V321L25PF IDT71 |
HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT 2K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT 的高速中3.3VK × 8双端口静态RAM 2K x 8 3.3V Dual-Port RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
VSC8211 |
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
|
Vitesse Semiconductor Corporation
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
LC03-6 LC03-6TB LC03-6TE |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces 低电容高表面贴装二极管,高速数据接 Low Capacitance Surface Mount TVS for High Speed Data Interfaces
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
SBESD9N5C SBESD9N5C-15 |
ESD Protection for high-speed interfaces
|
SeCoS Halbleitertechnol...
|
|