PART |
Description |
Maker |
MC912DT128ACPV MC912DG128CMPV MC912DG128PCPV MC912 |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
MOTOROLA[Motorola, Inc]
|
68HC908MR16CB 68HC908MR16CFU 68HC908MR16VB 68HC908 |
HCMOS Microcontroller Unit 8-BIT, FLASH, 8.2 MHz, MICROCONTROLLER, PQFP64 HCMOS Microcontroller Unit 8-BIT, FLASH, 8.2 MHz, MICROCONTROLLER, PDIP56
|
Motorola Inc Motorola Mobility Holdings, Inc.
|
MC68HRC705JJ7 MC68HC705JJ7 MC68HRC705JJ7CDW |
HCMOS Microcontroller Unit 8-BIT, OTPROM, 2.1 MHz, MICROCONTROLLER, PDSO20
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MC9S12A128 MC9S12DG128EVPV |
16 bit Microcontroller Unit (MCU)(16位MCU) 16位微控制器单元(MCU)(16位微控制器) 16-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP112
|
飞思卡尔半导体(中国)有限公司 MOTOROLA INC
|
MC68HC11KW1 |
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit 8-BIT, EEPROM, 4 MHz, MICROCONTROLLER, PQFP100
|
Motorola Mobility Holdings, Inc.
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ST10F276Z5 ST10F276Z5Q3 ST10F276Z5T3 |
16-BIT MICROCONTROLLER WITH MAC UNIT, UP TO 832 KBYTES FLASH MEMORY AND UP TO 68 KBYTES RAM
|
ST Microelectronics
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
MB90634A MB90632A MB90634APF MB90632APF MB90632APF |
9-Bit Bus-Interface D-type Latches With 3-State Outputs 24-CDIP -55 to 125 16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 16-bit Proprietary Microcontroller 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
AT90USB646-AU TS87C51RB2-VIB TS80C31X2-LIEB AT90US |
8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
|