PART |
Description |
Maker |
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DTV32B-E3-45 DTV32B-E3-81 DTV32-E3-45 DTV32F-E3-45 |
High Voltage Damper Diodes High Voltage Damper Diodes
|
http:// Vishay Siliconix
|
DTV1500M DTV1500MD DTV1500MF DTV1500MFP DTV1500MXX |
HIGH VOLTAGE DAMPER DIODE (CRT HORIZONTAL DEFLECTION) 6 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE From old datasheet system HIGH VOLTAGE DAMPER DIODE (CRT HORIZONTAL DEFLECTION)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BYS459B-1500S BYS459-1500S BYS459F-1500S BYS459-15 |
10 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC PLASTIC PACKAGE-2 High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 10A Reverse Recovery Time 220ns
|
Vishay Beyschlag VISAY[Vishay Siliconix]
|
BY359F-1500 BY359F-1500S |
Damperdiodefast.high-voltage
DAMPER DIODE FAST, HIGH-VOLTAGE Damper diode fast/ high-voltage
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
DTV32G-1500B |
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE (CRT Horizontal Deflection) High Voltage Damper Diode(高压阻尼二极
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
BY359X-1500 BY359X-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO SLOT 3.0 X 75SCREWDRIVER, SENSO SLOT 3.0 X 75; Tip Size A x B:3 x 0.5mm; Tip size:3mm; Length, blade:75mm; Length, Inches:3"; Handle type:COLOUR CODED; Tip Size:3 mm; Tip type:Parallel Slot 1500 V, SILICON, RECTIFIER DIODE DAMPER DIODE FAST, HIGH-VOLTAGE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
FFPF06U150S FFPF06U150STU |
High voltage and high reliability 6A/1500V Damper Diode
|
FAIRCHILD[Fairchild Semiconductor]
|
DTV1500UHFP DTV1500UHF |
HIGH VOLTAGE DAMPER DIODE (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE (CRT HORIZONTAL DEFLECTION)
|
ST Microelectronics STMicroelectronics
|
DTV1500LFP DTV110D |
(CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
DTV1500HDFP |
(CRT TV HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
|
ST Microelectronics
|