PART |
Description |
Maker |
CY7C1347G |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
Cypress
|
CY7C1347G-133AXC CY7C1347G-133AXI CY7C1347G-200AXC |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
Cypress Semiconductor
|
CY7C1339G CY7C1339G-250BGXI CY7C1339G-133AXC CY7C1 |
4-Mbit (128K x 32) Pipelined Sync SRAM 4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1340G-100AXC |
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
|
Cypress
|
CY7C1474V33-167BGC CY7C1470V33-250AXC CY7C1470V33- |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 1M X 72 ZBT SRAM, 3.4 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
IS61VPS12836A IS64LPS25618A |
128K x 32 / 128K x 36- 256K x 18 4Mb SYNCHRONOUS PIPELINED / SINGLE CYCLE DESELECT STATIC RAM 128K x 32/ 128K x 36/ 256K x 18 4 Mb SYNCHRONOUS PIPELINED SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution
|
CY7C1386D-250AXC ICY7C1387D-167BGI ICY7C1387D-167B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
IDT71V546S117PFI IDT71V546S117PF IDT71V546S133PF 7 |
3.3V 128K x 36 ZBT Synchronous PipeLined SRAM 128K x 36 3.3V Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs 128K x 36/ 3.3V Synchronous SRAM with ZBT Feature/ Burst Counter and Pipelined Outputs From old datasheet system 128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
|
IDT[Integrated Device Technology]
|