PART |
Description |
Maker |
AT5FC001-20 |
1-Megabyte Flash Memory PCMCIA Card
|
Atmel Corp.
|
AT5FC004-20 AT5FC004 |
4-Megabyte Flash Memory PCMCIA Card
|
ATMEL[ATMEL Corporation]
|
AT5FC002-20 AT5FC002 |
2-Megabyte Flash Memory PCMCIA Card
|
ATMEL[ATMEL Corporation]
|
AT5FC008 AT5FC008-2 AT5FC008-20 |
8-Megabyte Flash Memory PCMCIA Card
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AT45DCB008D08 |
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
|
ATMEL Corporation
|
LT1106_02 LT1106 LT1106CF |
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
|
LINER[Linear Technology]
|
28F800BV-B 28F800BV-T 28F008BE-T/B TE28F800CVB90 P |
Dual-Slot, PCMCIA Analog Power Controller 8-MBIT (512K X 16. 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Quad Network Power Controller for Power-Over-LAN 8-MBIT (512K X 16, 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 8兆位(为512k × 16024K × 8)SmartVoltage启动块闪存系 8-MBIT (512K X 16/ 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
Intel Corporation
|
AMMC002AWP AMMC0XXA |
2/ 4/ or 8 Megabyte 5.0 Volt-only Flash Miniature Card
|
Advanced Micro Devices
|
AMC001CFLKA AMC002CFLKA AMC004CFLKA AMC0XXCFLKA AM |
1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card 1,或10兆字.0 V型只有闪存PC Circular Connector; No. of Contacts:37; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Advanced Micro Devices, Inc.
|
AM29F080B-75SC |
Flash Memory IC; Memory Size:8Mbit; Memory Configuration:1M x 8; Package/Case:44-SOIC; Supply Voltage:5V; Access Time, Tacc:75ns; Mounting Type:Surface Mount 1M X 8 FLASH 5V PROM, 70 ns, PDSO44
|
Spansion, Inc.
|