PART |
Description |
Maker |
HD74LS373PDIP 74LS373 HD74LS373P HD74LS373 HD74LS3 |
IC,LATCH,SINGLE,8-BIT,LS-TTL,DIP,20PIN,PLASTIC Octal D-type Transparent Latches(with three-state outputs) Octal D-type Transparent Latches with noninverted 3-state output
|
Hitachi,Ltd. Hitachi America HITACHI[Hitachi Semiconductor]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
54LVTH162373RPFB |
3.3V 16-Bit Transparent D-Type Latches
|
Maxwell Technologies, Inc
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
54LVTH16373RPFB |
3.3V ABT16-Bit Transparent D-Type Latches
|
Maxwell Technologies, Inc
|
ACH16373DL ACH16373DGG |
2.5V/3.3V 16-bit D-type transparent latch 3-State
|
PHILIPS[Philips Semiconductors]
|
PI74VCX16373A PI74VCX16373 PI74VCX16373AE |
16-Bit Transparent D-Type Latch with 3-State Outputs
|
Pericom Semiconductor C... Pericom Semiconductor Corporation
|
IDT74AUC32373 |
1.8V CMOS 32-Bit Transparent D-Type Latch with 3-State Outputs
|
IDT
|
74ABT16373B 74ABT16373BDGG 74ABT16373BDL BT16373BD |
16-bit transparent latch 3-State ABT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-bit transparent latch 3-State 16位透明锁存器三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PI74ALVCH16373 |
From old datasheet system 16-Bit Transparent D-Type Latch with 3-STATE Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|