PART |
Description |
Maker |
AP1034 AP1038 AP1023 AP1145 AP1037 AP1022 AP1065 A |
TRANSISTOR | BJT | PNP | 275V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 170V V(BR)CEO | 10A I(C) | TO-5 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 10A I(C) | TO-33 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 10A条一(c)|
|
SCHURTER AG
|
ZTX502DB ZTX502DC ZTX503DB |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | CHIP TRANSISTOR | BJT | PNP | 45V V(BR)CEO | CHIP
|
|
2N942 2N2330 2N2007 2N3317 2N2165 2N2162 2N2167 2N |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sumida, Corp.
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
CSB737R CSB737Q CSA1048GR CSB564AO CSA1266O CSA104 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 1A I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一(c)|2
|
Vishay Intertechnology, Inc.
|
2SA1483O |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 200MA I(C) | SOT-89 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 200mA的一(c)|采用SOT - 89
|
EPCOS AG
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
2SB1218AR 2SB1218AQ |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SC-70 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Atmel, Corp.
|
ECG12 ECG25 ECG18 ECG19 ECG14 ECG31 ECG32 ECG26 EC |
TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 5A I(C) | TO-92 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.2A I(C) | TO-237 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 2.5A I(C) | SIP
|
|
BC320 BC321 BC258 BC177 BC177V 3C307 3C309 BC307 |
THE ABOVE TYPES ARE PNP SILICON PLANAR EPITAXIAL TRANSISTORS FOR USE IN AF SMALL SIGNAL AMPLIFIER STAGES AND DIRECT COUPLED CIRCUITS Trans GP BJT PNP 45V 0.1A 3-Pin TO-18
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semiconductors New Jersey Semi-Conduct...
|