PART |
Description |
Maker |
TL072CDT TL072ACD TL072ACDT TL072ACN |
LOW NOISE DUAL JFET OP-AMPS
|
ST Microelectronics
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
LT1114 LT1114AC LT1114ACN LT1114AM LT1114AMJ LT111 |
Dual/Quad Low Power Precision/ Picoamp Input Op Amps Dual 4-Input Positive-AND Gates 14-SOIC 0 to 70 DUAL OP-AMP, 100 uV OFFSET-MAX, 0.75 MHz BAND WIDTH, PDIP8 Dual/Quad Low Power Precision, Picoamp Input Op Amps 四路低功耗精密,Picoamp输入运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
IDT7016S20JB IDT7016S20PFB IDT7016S15G IDT7016S15P |
Quad Low-Power JFET-Input Operational Amplifier 14-PDIP 0 to 70 16K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 35 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 Low-Noise JFET-Input Decompensated Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 Low-Power JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 16K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQFP80 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQCC68
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
LT1464 LT1464ACN8 LT1464ACS8 LT1464CN8 LT1464CS8 L |
Dual/Quad Micropower/ 1MHz C-Load Picoampere Bias Current JFET Input Op Amps Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDIP14
|
LINER[Linear Technology] Linear Technology, Corp.
|
LT1112A LT1112 LT1114 |
Quad Low Power Precision, Picoamp Input Op Amps(四路,低功耗,精密型,微微安培输入运算放大 From old datasheet system Dual/Quad Low Power Precision, Picoamp Input Op Amps Dual Low Power Precision, Picoamp Input op Amp
|
Linear Technology Corporation
|
TL071CDT |
LOW NOISE SINGLE JFET OP-AMPS
|
SGS Thomson Microelectronics
|
LM358W LM358WN LM358WDT |
LOW POWER DUAL BIPOLAR OP-AMPS LOW POWER DUAL BIPOLAR OP-AMPS
|
STMicroelectronics ST Microelectronics
|
TL062CDT TL062ACDT |
Low-power JFET dual operational amplifiers Low-power JFET dual operational amplifiers
|
STMicroelectronics
|
TS27M2ID TS27M2IDT TS27M2IN TS27M2IPT |
PRECISION LOW POWER CMOS DUAL OP-AMPS
|
ST Microelectronics
|
IDT70P247L55BYI IDT70P257L |
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
Integrated Device Technology, Inc.
|