PART |
Description |
Maker |
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
0RXU-75TD1007 |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
HBW53V08MRG |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SRBC-16F2A |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
VRAE-10E1A1 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-03F2A SLIN-03F2A0 SLIN-03F2AL |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-03E1A10 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SIL06 SIL06-05SADJ-V SIL06-12SADJ-V |
6A Non-isolated DC/DC Converters
|
http:// ARTESYN[Artesyn Technologies]
|