PART |
Description |
Maker |
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV400B100WACB AM29LV400B150WACB AM29LV400B90RW |
4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 100ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 150ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 90ns
|
Advanced Micro Devices
|
AM29LV800BB-120WBE AM29LV800BB-70WBE AM29LV800BB-9 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
S29AL004D70MFI010 S29AL004D70BFI010 S29AL004D70BFI |
4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO44 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PBGA48 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FLASH 3V PROM, PDSO48 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO48 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FLASH 3V PROM, PDSO44
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29LV800B AM29LV800BB120EC AM29LV800BB120ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM29SL800CT150WBIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
Advanced Micro Devices
|
AM29DL400BB-120ED AM29DL400BB-120EF AM29DL400BB-12 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
|
AMD[Advanced Micro Devices]
|