PART |
Description |
Maker |
BU4809 BU4809F-TR BU4809FP3-TR BU4809G-TR BU4811 B |
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
BU4944G-TR BU4936G-TR BU4935G-TR |
Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
BD95820F-LBE2 |
Earth Leakage Detector ICs
|
ROHM
|
BU4910 BU4909 BU4911 BU4912 BU4913 BU4914 BU4915 B |
Low Voltage Standard CMOS Voltage Detector ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Rohm
|
SDA5275S SDA5273S SDA5275P SDA5273P SDA5273 SDA527 |
Compacttext (SDA5273 / SDA5275) ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs From old datasheet system Cable ID Markers RoHS Compliant: Yes ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs TELETEXT DECODER, PQCC68 ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs 集成电路消费电子MEGATEXTMEGATEXT普乐士集成电 ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs TELETEXT DECODER, PDIP52
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MC145010DW MC145010P MC145011DW MC145011P MC145012 |
Photoelectric Smoke Detector with I/O Micro-Power Comparator plus Voltage Follower Photoelectic Smoke Detector IC with I/O and Temporal Pattern Horn Driver Ionization Smoke Detector with I/O For Line-Powered Applications Timing Circuits Other Analog Circuits
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
MCP112T-300LB MCP112T-300E MCP112T-290E MCP112T-29 |
Micropower Voltage Detector 微功耗电压检测器 PC Board Connector; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PBT Polyester; Contact Material:Brass; Gender:Female; Series:41815 (MCP111 / MCP112) Micropower Voltage Detector
|
Microchip Technology, Inc. Microchip Technology Inc.
|
BU4069F BU4069FV BU4069UB-E2 BU4069UBF-E2 BU4069UB |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 High Voltage CMOS Logic ICs High Voltage CMOS Logic ICs Gate
|
http:// Rohm
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|