PART |
Description |
Maker |
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7466BRM-REEL AD7466BRM-REEL7 AD7466BRMZ |
1.8 V Micro-Power 12-Bit ADC in 6-Lead SOT-23
|
Analog Devices
|
ADC141S628-Q1 ADC141S628QIMM/NOPB ADC141S628QIMMX/ |
<font color=red>[Old version datasheet]</font> 14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
|
TI store
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX11100EWC |
16-Bit, 5V, 200ksps ADC with 10µA Shutdown
|
MAXIM - Dallas Semiconductor
|
MAX165AEPN |
5µs, 8-Bit ADC with Track/Hold and Reference
|
MAXIM - Dallas Semiconductor
|
MAX152CPP MAX152CAP MAX152C/D MAX152CWP MAX152EAP |
3V, 8-Bit ADC with 1レA Power-Down 3V / 8-Bit ADC with 1A Power-Down 3V, 8-Bit ADC with 1uA Power-Down 3V, 8-Bit ADC with 1A Power-Down
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX11167ETCT MX7672KP10T MX7672LP10T MX7572LCWG05- |
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN High-Speed 12-Bit ADC with External Reference Input 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete High-Speed CMOS, 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS, µP Compatible, 4µs, 8-Bit ADC 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO18 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
B60K440 B32K440 B72240B0750K001 B72240B0751K001 B7 |
Block Varistors HighE Series 压敏电阻黑格座系 16-Bit, Pseudo Bipolar, Fully Diff Input, 250kSPS Serial Out, 2.7V to 5.5V Micro Power Sampling ADC 8-SON -40 to 85 压敏电阻黑格座系
|
EPCOS AG
|
AD7582 AD7582BQ AD7582KN AD7582KP AD7582TQ |
12-Bit 50 kSPS ADC I2C Low Power 8-Channel MUX Int 2.5V Ref 16-TSSOP -40 to 85 CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7823 AD7823YN AD7823YR AD7823YRM |
1.2V, 12 Bit 200KSPS, Serial ADC 6-SOT-23 -40 to 85 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices, Inc. AD[Analog Devices]
|