PART |
Description |
Maker |
SF117 |
Emergency Switch
|
TekTone
|
VSYS1 VSYS10 VSYS11 VSYS12 VSYS14 VSYS15 VSYS16 VS |
Emergency Voice Evacuation
|
Gamewell-FCI by Honeywell
|
882-4517 882-4525 882-4533 882-4622 882-4673 882-4 |
Emergency Key Boxes
|
List of Unclassifed Manufacturers
|
DN65 |
ZXSC310 Solution for emergency light
|
ZETEX[Zetex Semiconductors]
|
SSA-EB |
Emergency Stop Push Buttons
|
Banner Engineering
|
LND080A LND080B |
85-347VAC True One-Wire Offline Emergency Light Driver
|
Linear Dimensions Semiconductor
|
2SC5370 |
SILICON NPN EPITAXIAL PLANAR TRANSISTOR(EMERGENCY LIGHTING INVERTER AND GENERAL PURPOSE)
|
SANKEN[Sanken electric]
|
08080100 08080200 08080300 08080380 08080400 08080 |
Manual Battery Disconnect Switch features a push button for fast push to off operation in event of an emergency. Rotate knob for ON. Switch status is indicated though a window on the top of the knob
|
Littelfuse
|
259400 259402 259401 259364 259365 259367 259366 2 |
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference 10-Bit, 20Msps ADC SIGN-WEAR WELDING MASK SIGN-RESPIRATORS MUST BE WORN SIGN-EMERGENCY EXIT SIGNS NOW WASH YOUR HANDS SIGN-NOW WASH YOUR HANDS 0.1% Accurate Signal Conditioner for Piezoresistive Sensor Compensation 标志的实验室外套必须 Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors 标志,必须戴呼吸 1% Accurate, Digitally Trimmed Sensor Signal Conditioner 标志,应急出
|
Microchip Technology, Inc.
|
HZK2C HZK30 HZK33 HZK36 HZK3A HZK3B HZK3C HZK6B HZ |
Diodes>Zener Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A SWITCH BLOCK FOR EMERGENCY STOP SWITCH, DPDT, 12V, GREEN; Switch function type:DPDT; Voltage, contact AC max:250V; Voltage, contact DC max:12V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:30mm; Length / Height, external:59mm; RoHS Compliant: Yes Anti-Rotate Ring; Leaded Process Compatible:Yes RoHS Compliant: Yes 硅外延平面稳压二极管的稳压电 Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode INDICATOR BODY, ROUND, METAL; Lamp fitting type:T 13/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes INDICATOR BODY, SQUARE; Lamp fitting type:Midget Groove, T1 3/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation. Renesas Electronics, Corp.
|
140M-C2E-A16 140M-C2E-A25 140M-C2E-A40 140M-C2E-A6 |
CIRCUIT BREAKER 0.4/0.63A CIRCUIT BREAKER 0.63/1.0A CIRCUIT BREAKER 1.0/1.6A HANDLE RED/YELLOW CIRCUIT BREAKER 6.3/10.0A CIRCUIT BREAKER 10.0/16.0A CIRCUIT BREAKER 18.0/25.0A TERMINAL BLOCK 25MM SHUNT RELEASE 415V LOCKING ATTACHMENT SHAFT EXTENSION SHUNT RELEASE 110V BUSBAR 45MM 2WAY CONNECTING MODULE 100-C30/C37 SHUNT RELEASE 24V BLANK SPACE COVER UNDERVOLTAGE RELEASE 220/230V UNDERVOLTAGE RELEASE 415V HANDLE BLACK/GREY CIRCUIT BREAKER 23.0/32.0A HANDLE LOCKABLE RED SHUNT RELEASE 220/230V CONNECTING MODULE 100-C43 HANDLE LOCKABLE BLACK UNDERVOLTAGE RELEASE 24V UNDERVOLTAGE RELEASE 110V DEVICEBOX 2 PORT LEGEND PLATE EMERGENCY OFF CONTACT BLOCK TRIP 1NC/1NO CONTACT BLOCK TRIP 1NO/1NO POWERTAP DEVICENET BUSBAR 63MM 2WAY BUSBAR 63MM 4WAY Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset CONTROLLER 3 PHASE 0.55KW CONTROLLER 3 PHASE 0.75KW CONTROLLER 3 PHASE 0.37KW CONTACT BLOCK AUX 2NO CONTACT BLOCK AUX 2NC CONTACT BLOCK TRIP/AUX 1NO 1NC CONTACT BLOCK TRIP/AUX 1NO 1NO MANUAL DEVICENET CABLING 母线45毫米2 母线54毫米4 母线54毫米2 母线54毫米3WAY 断路8.0/25.0A 断路.63/1.0A 接线端子25毫米 CIRCUIT BREAKER 14.5/20.0A 断路4.5/20.0A CIRCUIT BREAKER 4.0/6.3A 断路.0/6.3A CIRCUIT BREAKER 2.5/4.0A 断路.5/4.0A CIRCUIT BREAKER 32.0/45.0A 断路2.0/45.0A CIRCUIT BREAKER 1.6/2.5A 断路.6/2.5A LEGEND PLATE MAIN SWITCH 传奇板总开 CABLE DEVICENET 电缆的DeviceNet CIRCUIT BREAKER 0.25/0.4A 断路0.25/0.4A CIRCUIT BREAKER 0.1/0.16A 断路.1/0.16A CIRCUIT BREAKER 0.16/0.25A 断路.16/0.25A CONNECTING MODULE 100-C09/C23 连杆模块100-C09/C23 CONTACT BLOCK TRIP 1NO/1NC 接点座之NO/1NC BUSBAR 63MM 3WAY 母线63MM 3WAY CONTACT BLOCK AUX 1NO 1NC 接点座辅NO 1NC
|
Bourns, Inc. Maxim Integrated Products, Inc. TOKO, Inc. IDEC, Corp. Electronic Theatre Controls, Inc. Rectron Semiconductor
|