PART |
Description |
Maker |
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
42051 42051-055 42051-065 42051-075 42051-085 4205 |
14V DC; 5A; fixed three terminal negative voltage regulator. Military and Hi Rel industrial applications where hermetically sealed product is required XTAL MTL T/H HC49/US 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 10 V FIXED NEGATIVE REGULATOR, MBFM2 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 22 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 6 V FIXED NEGATIVE REGULATOR, MBFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc.
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
IP1R1905-K IP1R1905-V IP1R19-15 IP3R19-15 IP3R19V- |
Voltage Regulator 12 V FIXED NEGATIVE REGULATOR, MBFM2 JT 79C 79#22D SKT PLUG 5 V FIXED NEGATIVE REGULATOR, MBFM2 SCREW LOCKS FEMALE 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No CISCO CONSOLE KIT Thick Film Resistor; Series:CRCW; Resistance:649ohm; Resistance Tolerance: /- 1 %; Power Rating:0.125W; Voltage Rating:150V; Temperature Coefficient: /-100 ppm; Package/Case:0805; Leaded Process Compatible:No
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MC79L12ABDG MC79L12ABDR2 MC79L12ABPRA MC79L12ABPRA |
100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PDSO8 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PBCY3 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, BCY3 100 mA Negative Voltage Regulators 5 V FIXED NEGATIVE REGULATOR, PDSO8
|
ON Semiconductor
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
MC79M12BDTG MC79M12BTG MC79M12BDTRKG |
500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PSSO2 500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, SFM3
|
ON Semiconductor
|
MC7912ACD2T MC7912ACD2TR4 MC7912ACT MC7912BD2T MC7 |
1.0 A Negative Voltage Regulators 1A, 5V, Negative Voltage Regulator 1A, 5.2V, Negative Voltage Regulator 1A, 18V, Negative Voltage Regulator 1A, 15V, Negative Voltage Regulator 1A, 8V, Negative Voltage Regulator 1A, 12V, Negative Voltage Regulator 1A, 24V, Negative Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
OM7500SM OM7501SM OM7502SM OM7503SM OM7504SM OM750 |
Hi-Rel Fixed Voltage Dual Regulator SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
NTE1923 |
18 V FIXED NEGATIVE REGULATOR, MBFM2 3 Terminal Negative Voltage Regulator -18V, 1.5A
|
NTE[NTE Electronics]
|
L7905CP L7905CD2T-TR L7912C-V |
5 V FIXED NEGATIVE REGULATOR, SFM3 5 V FIXED NEGATIVE REGULATOR, PSSO2 12 V FIXED NEGATIVE REGULATOR, PSFM3
|
STMICROELECTRONICS
|