PART |
Description |
Maker |
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors 500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors STANDOFF,M-F,1/4H,4-40X.25SS Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
|
On Semiconductor
|
SA45A SA40A SA150A SA20A SA30 SA100 SA24 SA48 SA33 |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 334 mm [13.15 in] lead wires HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination 510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code 瞬态电压抑制器
|
ON Semiconductor EIC Semiconductor, Inc. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
SA78 SA30 SA24 SA40 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
Bytes
|
SA12CA SA45A |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
|
Pan Jit International Inc.
|
SA58A SA14 SA17 SA51C SA78 SA78A SA78C SA48 SA48C |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power) 玻璃钝化结瞬态电压抑制器(电 5.0170伏特00瓦峰值脉冲功率)
|
PanJit International, Inc. Pan Jit International Inc. PanJit International Inc.
|
KX500-F5G KX500 KX500-F3A KX500-F3B KX500-F5C KX50 |
500 WATT AC/DC POWER SUPPLY 500瓦AC / DC电源 PHOTO-TRANSISTOR 500 watt AC/DC power supply.
|
CANDD[C&D Technologies]
|
ASS-ASB |
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
|
StarHope
|
30KPA90CA OKPA170CA OKPA180CA OKPA198CA OKPA216CA |
STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power Diode TVS Single Bi-Dir 180V 30KW 2-Pin Case P600 T/R STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct... New Jersey Semiconductors
|
SA90CA SA50 SA8.0CA SA8.0A SA7.0A SA6.0A SA5.0A SA |
DEVICES FOR BIPOLAR APPLICATIONS 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500瓦瞬态电压抑制器00瓦瞬变电压抑制器 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RES 511 OHM 1/10W .1% 0805 SMD 双极器件中的应用 DEVICES FOR BIPOLAR APPLICATIONS 双极器件中的应用 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 558,8 mm [22 in] lead wires CONNECTOR ACCESSORY
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SZ1SMA5.0AT3G 1SMA14AT3G SZ1SMA33AT3G SZ1SMAXXAT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
|
ON Semiconductor
|