PART |
Description |
Maker |
MAX1434 |
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs From old datasheet system
|
Maxim Integrated Products
|
LTC1743CFW LTC1743IFW LTC1743 |
12-Bit, 50Msps ADC
|
Linear Technology Corporation
|
LTC1744 LTC1744CFW LTC1744IFW |
14-Bit, 50Msps ADC
|
Linear Technology Corporation
|
LTC1668 |
16-Bit, 50Msps Differential Current OutputDAC(16位,50Msps,差分电流输出数模转换器)
|
Linear Technology Corporation
|
LTC1668 LTC1668IG 1668I LTC1668C LTC1668CG LTC1668 |
16 Bit 50Msps DAC 16-Bit/ 50Msps DAC From old datasheet system 16-Bit, 50Msps DAC
|
LINER[Linear Technology]
|
AD7894 AD7894AR-10 AD7894AR-2 AD7894AR-3 AD7894BR- |
True Bipolar Input, 5 V Single Supply, 14-Bit, Serial 4.5 µs ADC in 8-Pin Package 5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package SWITCH SLIDE SPDT R/A .5A PCB Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:170VDC; Peak Surge Current (8/20uS), Itm:6000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:650pF; Package/Case:14mm Disc 5 V/ 14-Bit Serial/ 5 ms ADC in SO-8 Package VARISTOR 30VRMS 14MM RADIAL
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7940 AD7685 EVAL-CONTROLBRD2 AD7680 AD7683 AD768 |
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 3MW的,100ksps4位ADC引脚SOT - 23 3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 World's Smallest 14-Bit SAR in a SOT-23 Package 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 3.3V, 2.7Gbps Dual 2 x 2 Crosspoint Switch World’s Smallest 14-Bit SAR in a SOT-23 Package
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1286CS8PBF LTC1278CN-4 LTC1276CN LTC1282CJ |
Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7934BRU-REEL |
4-Channel, 1.5 MSPS, 12-Bit Parallel ADC with a Sequencer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
AD7451BRT-R2 |
Pseudo Differential Input, 1 MSPS, 12-Bit ADC in an 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
|