PART |
Description |
Maker |
AM29DL323GB70WMI AM29DL322GT70WMI AM29DL322GT90EI |
32 megabit CMOS 3.0 volt-only, simultaneous operation flash memory 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 IC Flash Mem PARL 2.7v To 3.6v 32-MBit 2M x 16/4mx8 70ns 48FBGA 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 IC,MEM,FLASH,2MX16,3V,90NS,SIMUL 2M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
MS58128J-45 MS58128J-55 UT68128LF-100 UT68128LF-15 |
IC 8MEG FLSH (512KX16) BOTTOM IC 8MEG FLSH (512KX16) TOP SE IC Flash Mem PARL 2.7v To 3.6v 8-MBit 512kx16/1mx8 90ns 48TSOP IC Flash Mem PARL 2.7v To 3.6v 8-MBit 512kx16/1mx8 70ns 48TSOP x8的SRAM x8 SRAM x8的SRAM
|
Intel, Corp.
|
S29GL512N S29GL256N90FFI010 S29GL256N90FFIV20 S29G |
MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22M PIN PLUG 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 80 ns, PDSO56 MirrorBit Flash Family MirrorBit闪存系列 Replaced by PTB48520W : 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22D SKT PLUG
|
Spansion, Inc. Spansion Inc. ETC
|
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
VM-700 |
MEM’s Clock Oscillator
|
Vectron International, Inc
|
AM8158XC |
FPSLIC COMPANION MEM FOR 94K10 COM TEMP(FPGA) 非VGA视频控制
|
Vishay Intertechnology, Inc.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
TE28F640B3XXX GE28F160B3BC70 GE28F160B3TC80 GE28F0 |
(TE28F Series) 3 Volt Advanced Boot Block Flash Memory 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 70 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 8 FLASH 2.7V PROM, 90 ns, PBGA46 3 Volt Advanced Boot Block Flash Memory 4M X 16 FLASH 3V PROM, 100 ns, PBGA48
|
Intel Corporation Intel, Corp.
|
C8051F132 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F130 |
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
EPM240T100I3ES EPM1270F100C3ES EPM1270F100I4ES |
FLASH PLD, PQFP100 16 X 16 MM, 1MM PITCH, TQFP-100 FLASH PLD, PBGA100
|
Altera International Limited ALTERA CORP
|
|