PART |
Description |
Maker |
MV6951 MV6451 MV6151 MV6351 MV6951A4R0 |
(MV6xxx) HIGH CONTRAST T-1 SOLID STATE LAMPS AllnGaP Red Super Bright T-1 (3 mm) LED Lamp - Water Clear HIGH CONTRAST T-1 3/4 SOLID STATE LAMPS HIGH CONTRAST T-1 3/4 SOLID STATE LAMOPS HIGH CONTRAST T-1? SOLID STATE LAMPS HIGH CONTRAST T-1? SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
HLMP-K640 HLMP-K400 HLMP-K401 HLMP-K402 HLMP-K600 |
Soft Orange Tinted T-1 (3 mm) Solid State Lamp T-100 (3 mm) SOLID STATE LAMPS T-100 3 mm SOLID STATE LAMPS
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
MV5B123 MV52123 MV53123 MV54123 MV57123 MV57123E3R |
Yellow Rectangular Solid State Lamp High Efficiency Green Rectangular Solid State Lamp High Efficiency Red Rectangular Solid State Lamp SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|