PART |
Description |
Maker |
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D |
Octal 3-STATE D-Type-Edge-Triggered Flip-Flops From old datasheet system 9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85 Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
100353 100353QI 100353PC 100353QC 100353QIX 100353 |
From old datasheet system Low Power 8-Bit Register Octal D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
KIC7WZ74FK |
D Flip Flop SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
MC74AC374 MC74AC374DTR2 MC74AC374DTR2G MC74AC374DW |
Octal D-Type Flip-Flop with 3-State Outputs; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D−Type Flip−Flop with 3−State Outputs
|
ONSEMI[ON Semiconductor]
|