PART |
Description |
Maker |
510AK-01 |
Electronic versions are uncontrolled except when accessed directly
|
ON Semiconductor
|
510AP-01 |
Electronic versions are uncontrolled except when accessed directly
|
ON Semiconductor
|
511BJ-01 |
Electronic versions are uncontrolled except when accessed directly
|
ON Semiconductor
|
848AB-01 |
Electronic versions are uncontrolled except when accessed directly
|
ON Semiconductor
|
ACT532VT-4 ACT532T-4 |
available in TCXO and VCTCXO versions
|
Advanced Crystal Technology
|
AP1613 AP161302 |
Bootstrap Loader Versions From old datasheet system
|
Infineon
|
CFC-1 CFC-8.2 CFC-1.5 CFC-14 CFC-2 CFC-3 CFC-4 CFC |
CEILING FAN SINGLE & DUAL VERSIONS
|
http:// NTE[NTE Electronics]
|
SF-BIT-PH-2-50 |
Tools for SF?ASD 21 cordless screwdriver in various versions
|
PHOENIX CONTACT
|
UNIFOX-C-VDE-M |
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
|
PHOENIX CONTACT
|
SF4120M-1 SF4120M-10 SF4120M-3 SF4120M-6 |
GENERAL PURPOSE CHASSIS MOUNTED FILTER STANDARD & MEDICAL VERSIONS
|
List of Unclassifed Manufacturers
|
240-801-02 |
Printed Circuit Board Versions with PCB or Solder Cup Contacts
|
Glenair, Inc.
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|