PART |
Description |
Maker |
3KP70CA-G 3KP70A-G 3KP45A-G 3KP36A-G 3KP36CA-G 3KP |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5%
|
Comchip Technology
|
BZW04-11 BZW04-110 BZW04-14 BZW04-145 BZW04-17 BZW |
High performance 2A ULDO linear regulator TRANSZORB瞬态电压抑制器 ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION TRANSZORB瞬态电压抑制器 TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器(TransZorb瞬变电压抑制器) TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 A7 POLYMER CORE BUFFER High performance 2A ULDO linear regulator with Soft Start PWR SUPPLY 250W 5V W/COVER TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR Low power voltage detector TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
Amphenol, Corp. Electronics Industry Public Company Limited GE Security, Inc. GE[General Semiconductor]
|
TCP009A TCP009E |
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
|
MICROSEMI[Microsemi Corporation]
|
SN65220DBVR |
Single Universal Serial Bus Port Transient Suppressor
|
TI
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
ESDCAN24-2BLY |
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
|
STMicroelectronics
|
ESD5B5.0ST1G |
Transient Voltage Suppressor(瞬变电压抑制 Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
|
ON Semiconductor
|
PJDLC05T_R PJDLC05 PJDLC05T/R |
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
|
Pan Jit International Inc.
|
ESDCAN01-2BLY |
Automotive dual-line Transil™, transient voltage suppressor (TVS) for CAN bus
|
ST Microelectronics
|
SM15T7V5A SM15T30A SM15T36A SM15T39A SM15T200A SM1 |
TRANSILTM TRANSZORBSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩表面贴装瞬态电压抑制器 TRANSZORB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
ST Microelectronics GE Security, Inc. GE[General Semiconductor]
|
|