PART |
Description |
Maker |
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTB75N03L09 NTB75N03L09G NTB75N03L09T4 NTP75N03L09 |
Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK Power MOSFET 75 Amps, 30 Volts N-Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTMS7N03R2 |
Power MOSFET 7 Amps, 30 Volts
|
ONSEMI[ON Semiconductor]
|
NTD30N02G |
Power MOSFET 30 Amps, 24 Volts
|
ON Semiconductor
|
NTQS6463R2 NTQS6463 |
Power MOSFET 6.2 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
|