PART |
Description |
Maker |
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4IBC10UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4IBC20KD IRG4IBC20KDPBF |
600V UltraFast 8-25 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
ANALOGICTECH[Advanced Analogic Technologies] IRF[International Rectifier]
|
IRG4PC40UD-E IRG4PC40UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRG4BC30KD-S IRG4BC30KD-STRR IRG4BC30KDS IRG4BC30K |
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC20KD IRG4BC20KDPBF |
600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V Vce(on)typ.=2.27V @Vge=15V Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC20KDS IRG4BC20KD-S IRG4BC20KD-STRL IRG4BC20K |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.27V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0 INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V Vce(on)typ.=2.27V @Vge=15V Ic=9.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGP30B120KD-E |
1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRG7PH44K10D IRG7PH44K10DPBF |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247 package
|
International Rectifier
|
IRGP8B120KD-E |
1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|