PART |
Description |
Maker |
4N32A 4N31SHORT E001735 4N29 4N30 4N32 4N31 4N33 |
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR) 光敏三极管(交流数字逻辑隔离器) From old datasheet system AC LINE / DIGITAL LOGIC ISOLATOR DIGITAL LOGIC / DIGITAL LOGIC ISOLATOR
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BU4S81 |
Standard Logic LSIs > CMOS logic BU4S Series Single 2-input AND gate
|
ROHM[Rohm]
|
6N137 HCPL-2631 HCPL-2630 HCPL-2611 HCPL2631 HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
|
QT[QT Optoelectronics]
|
CD4050BMS |
Buffer/Converter, Logic Level Conversion, Hex, (UnBuffered), Rad-Hard, CMOS, Logic
|
Intersil
|
6N137SDM 6N137SDVM HCPL2601M HCPL2611M HCPL2630M H |
High Speed 10MBit/s Logic Gate Optocouplers 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor Corporation http://
|
BU4584B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4094BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S71 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BU4528B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
74OL6011 74OL6010 74OL6001 74OL6000 |
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|