PART |
Description |
Maker |
FDPF13N50FT FDP13N50F |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel MOSFET 500V, 12A, 0.54ヘ N-Channel MOSFET 500V, 12A, 0.54Ω
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRFP450 6068 -IRFP450 |
N-Channel 500V-0.33惟-14A- TO-247 PowerMESHTM MOSFET(N娌??MOSFET) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.33Ω- 14A条至247 PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET From old datasheet system N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
STU16NB50 6768 |
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET From old datasheet system N-CHANNEL 500V - 0.28 - 15.6A-Max220 PowerMESH TM MOSFET N-CHANNEL 500V - 0.28W - 15.6A-Max220 PowerMESH MOSFET
|
http:// STMicroelectronics SGS Thomson Microelectronics
|
OM6008SC OM6107SC OM6106SC OM6108SC OM6105SC OM600 |
Isolated Hermetic Metal Package 400V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 500V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 500V , 13Amp, N Channel MOSFET With Zener Gate Protection(500V , 13A,N沟道,MOS场效应管(带齐纳门保护 00V3Amp,N沟道MOSFET与齐门保护(500V3A条,沟道来说,MOS场效应管(带齐纳门保护) POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
|
List of Unclassifed Man... International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Omnirel
|
IRFB11N50 IRFB11N50APBF |
Power MOSFET(Vdss=500V/ Rds(on)max=0.52ohm/ Id=11A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
FQU5N50C FQD5N50C FQD5N50CTM FQD5N50CTF |
500V N-Channel Advance QFET C-Series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI13N50C FQB13N50C FQI13N50CTU |
500V N-Channel MOSFET 500V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FQH18N50V2 |
500V N-Channel Advanced QFET V2 series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|