PART |
Description |
Maker |
M29W320DT70ZA1E M29W320DT70ZA1F M29W320DB90ZA1F M2 |
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,启动块3V电源快闪记忆 Low-Power Single Two-Input Positive-NAND Gate 5-SOT-23 -40 to 85 Hex Inverter 14-VQFN -40 to 85 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 96-LFBGA -40 to 85 Low-Power Single Two-Input Positive-NAND Gate 5-SC70 -40 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
74AHC1G08SE 74AHC1G08SE-7 74AHC1G08W5-7 |
SINGLE 2 INPUT POSITIVE AND GATE AHC/VHC/H/U/V SERIES, 2-INPUT AND GATE, PDSO5 ROHS COMPLIANT, SOT-25, 5 PIN
|
Diodes Incorporated http:// Diodes, Inc.
|
74LVC1G02W5-7 74LVC1G02SE-7 |
SINGLE 2 INPUT POSITIVE NOR GATE
|
Diodes Incorporated
|
74LVC1G32FS3-7 74LVC1G32FW4-7 74LVC1G32W5-7 |
SINGLE 2 INPUT POSITIVE OR GATE
|
Diodes
|
M29F200T-55M1R M29F200T-55M3R M29F200T-55N1R M29F2 |
Single SVS For 3.3V Systems W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single 2-Input Positive-NOR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-OR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位256Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-NOR Gate 5-SOT -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Inverter Buffer/Driver with Open-Drain Output 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 CONNECTOR ACCESSORY 连接器附 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-US8 -40 to 85 Single Positive-Edge-Triggered D-Type Flip-Flop 5-SOT-23 -40 to 85 Micropower Supply Voltage Supervisor 8-TSSOP Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 85 Adjustable Single SVS W/Programmable Time Delay 8-TSSOP -40 to 85 Single SVS For 3.3V Systems W/Programmable Time Delay 8-TSSOP Single SVS For 3.3V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Micropower Supply Voltage Supervisor 8-PDIP -40 to 85 Single Power SVS (5v) W/Pgmmable Time Delay & Push-Pull Outputs 8-CDIP -55 to 125 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Single 2-Input Positive-NAND Gate 5-SC70 -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP 20-SOIC 0 to 70 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -25 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
74AUP1G00FS3-7 |
SINGLE 2 INPUT POSITIVE NAND GATE
|
Diodes
|
74AHCT1G00 74AHCT1G00W5 74AHCT1G00SE 74AHCT1G00W5- |
SINGLE 2 INPUT POSITIVE NAND GATE
|
Diodes Incorporated
|
SN74AHC1G00 |
SINGLE 2-INPUT POSITIVE-NAND GATE
|
http://
|
74LVC1G00W5-7 74LVC1G00 74LVC1G00SE-7 74LVC1G00W5 |
SINGLE 2 INPUT POSITIVE NAND GATE
|
Diodes Incorporated
|
74LVC1G10DW-7 74LVC1G101107 74LVC1G10FW4-7 74LVC1G |
SINGLE 3 INPUT POSITIVE NAND GATE
|
http://
|
LT1215C LT1215M LT1216CS LT1215 LT1216 |
23MHz, 50V/ms,Single Supply Quad Precision Op Amps(23MHz, 50V/ms,单电源,四路精密运算放大 23MHz, 50V/ms, Single Supply Dual Precision Op Amps(23MHz, 50V/ms,单电源,双路精密运算放大 23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps QUAD OP-AMP, 750 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO16 Quad 2-input positive-OR gates 14-SOIC 0 to 70 8-input positive-NAND gates 14-SO 0 to 70
|
Linear Technology, Corp. Linear Technology Corporation
|
74AHC1G09SE-7 74AHC1G09W5-7 |
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
|
Diodes
|