PART |
Description |
Maker |
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Corporation
|
TIM1314-30L09 |
HIGH POWER P1dB=45.0dBm at 13.75GHz to 14.5GHz
|
Toshiba Semiconductor
|
MAX2720-BMAX2721 MAX2720 MAX2720EUP MAX2720-MAX272 |
1.7GHz to 2.5GHz Direct I/Q Modulator with VGA and PA Driver Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 1.7GHz to 2.5GHz, Direct I/Q Modulator with VGA and PA Driver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
MGFS36E252708 MGFS36E252710 |
2.5-2.7GHz HBT HYBRID IC
|
Mitsubishi Electric Semiconductor
|
SZP-2026Z |
2.2-2.7GHz 2W InGaP Amplifier
|
SIRENZA[SIRENZA MICRODEVICES]
|
5021TR-B |
7GHz 1310nm DFB Transceiver
|
EMCORE
|
HFA3664 HFA3664IA HFA3664IA96 |
2.7GHz UpConverter with Gain Control
|
INTERSIL[Intersil Corporation]
|
BFG135 |
NPN 7GHz wideband transistor
|
Philips Semiconductors
|
MGFS38E2527-01 |
2.5 - 2.7GHz HBT MMIC MODULE
|
Mitsubishi Electric Semiconductor
|
EIA1718-2P |
17.7-18.7GHz, Internally Matched Power FET
|
Excelics Semiconductor, Inc.
|
TQM879008 TQM879008-PCB |
1.5-2.7GHz ? W Digital Variable Gain Amplifier
|
TriQuint Semiconductor
|