PART |
Description |
Maker |
SPR2CA5008 |
500 Watts 1 1, 2U Hot-Swap Mini-Redundant Power Supply
|
Sparkle Power Inc.
|
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
HDC250P-48B HDC250P-48B-490 HDC250P-48B-490E HDC25 |
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HDC203P-48B-P033BCEI HDC203P-48B HDC203P-48B-P033B |
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HAC203P-P033BCEI HAC203P-P033BCEIE HAC203P |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
SMH4042G-AGM SMH4042G-AGN SMH4042G-BGM SMH4042G-BG |
Hot Swap??Controller Hot Swap Controller Hot Swap?/a> Controller XTAL PLAS SMT 13X5 4PAD XTAL PLAS SMT 12X4 4PAD XTAL MTL T/H HC49/U PCMCIA 16MBYTE 16MBYTE Hot SwapController ⑩热插拔控制 XTAL MTL SMT HC49/USM ⑩热插拔控制
|
Summit Microelectronics, Inc. Electronic Theatre Controls, Inc.
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
ADM1172 ADM1172-2AUJZ-RL7 ADM1172-1AUJZ-RL7 |
2.7 V to 16.5 V Hot Swap Controller with Power-Good Comparator 2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
|
Analog Devices
|
12C24D 24C24D 5C24D 12C12D 5C12D 5C5S 28C9D 5C9D 5 |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor 模拟IC Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 模拟IC Analog IC 模拟IC µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 模拟IC
|
Yageo, Corp. Hangzhou Silan Microelectronics Co., Ltd. Data Delay Devices, Inc. Microchip Technology, Inc.
|